Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download BZM5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BZM5221B SERIES
SURFACE MOUNT ZENER DIODES
VOLTAGE
2.4 to 47 Volts
POWER
500 mWatts
MICRO-MELF
Unit : inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes
.049(1.25) .047(1.2)DIA.
MECHANICAL DATA
* Case: Molded Glass MICRO-MELF * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: See Diagram Below * Approx. Weight: 0.01 grams * Mounting Position: Any * Packing information T/R - 2.5K per 7" plastic Reel
.043(1.1) .008(0.2) .079(2.0) .071(1.8)
.008(0.2)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation at Tamb = 25 Junction Temperature Storage Temperature Range
O
Symbol
Value 500 175 -65 to +175
Units mW
O
C
PTOT TJ TS
C C
O
Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Parameter Thermal Resi stance Juncti on to Ambi ent Ai r Forward Voltage at IF = 100mA
Symbol
Min. ---
Typ.
Max. 0.3 1
Uni ts K/mW V
RthA VF
---
Vali d provi ded that leads at a di stance of 10mm from case are kept at ambi ent temperature.
STAD-JAN.27.2004
PAGE . 1
Nomi nal Zener Voltage Part Number
No m. V BZM5221B BZM5222B BZM5223B BZM5224B BZM5225B BZM5226B BZM5227B BZM5228B BZM5229B BZM5230B BZM5231B BZM5232B BZM5233B BZM5234B BZM5235B BZM5236B BZM5237B BZM5238B BZM5239B BZM5240B BZM5241B BZM5242B BZM5243B BZM5244B BZM5245B BZM5246B BZM5247B BZM5248B BZM5249B BZM5250B BZM5251B BZM5252B BZM5253B BZM5254B BZM5255B BZM5256B BZM5257B BZM5258B BZM5259B BZM5260B BZM5261B 2.40 2.50 2.70 2.80 3.00 3.30 3.60 3.90 4.30 4.70 5.10 5.60 6.00 6.20 6.80 7.50 8.20 8.70 9.10 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 22.00 24.00 25.00 27.00 28.00 30.00 33.00 36.00 39.00 43.00 47.00
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max Reverse Leakage C urrent IR @ VR
uA 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11.0 12.0 13.0 14.0 14.0 15.0 17.0 18.0 19.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0
V Z @ IZT
M i n. V 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 M a x. V 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 150
mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.5 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7
Notes. STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " A" FOR + 3% SUFFIX " B" FOR + 5% SUFFIX " C" FOR + 10% SUFFIX " D" FOR + 20%
STAD-JAN.27.2004
PAGE . 2
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
Iz (mA)
50 40 30 20 10 0
5
10
15
20
25
30
Test Current Iz = 20mA
5242 5241
5239
5245
5235 5234 5232 5231 5230 5229
5250
5252
5228
5224
Fig.2 BREAKDOWN CHARACTERISTICS
STAD-JAN.27.2004
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BZM5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X